전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CE 데이터시트(PDF) 81 Page - STMicroelectronics

부품명 STM32L4P5CE
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE 데이터시트(HTML) 81 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 77Page - STMicroelectronics STM32L4P5CE Datasheet HTML 78Page - STMicroelectronics STM32L4P5CE Datasheet HTML 79Page - STMicroelectronics STM32L4P5CE Datasheet HTML 80Page - STMicroelectronics STM32L4P5CE Datasheet HTML 81Page - STMicroelectronics STM32L4P5CE Datasheet HTML 82Page - STMicroelectronics STM32L4P5CE Datasheet HTML 83Page - STMicroelectronics STM32L4P5CE Datasheet HTML 84Page - STMicroelectronics STM32L4P5CE Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 311 page
background image
-
-
-
-
9
9
F7
F8
16
16
J2
J2
27
27
J3
J3
PC1
I/O
FT
_fl
a
-
TRACED0,
LPTIM1_OUT,
SPI2_MOSI,
I2C3_SDA,
LPUART1_TX,
OCTOSPIM_P1_IO4,
SAI1_SD_A,
EVENTOUT
ADC12_IN2
-
-
-
-
10
10
G9 H10
17
17J3
J328
28
J4
J4
PC2
I/O
FT
_la
-
LPTIM1_IN2,
SPI2_MISO,
DFSDM1_CKOUT,
OCTOSPIM_P1_IO5,
LCD_HSYNC,
EVENTOUT
ADC12_IN3
-
-
-
-
11
11
F6
F7
18
18
K2
K2
29
29
K1
K1
PC3
I/O
FT
_a
-
LPTIM1_ETR,
SAI1_D1,
SPI2_MOSI,
OCTOSPIM_P1_IO6,
SAI1_SD_A,
LPTIM2_ETR,
EVENTOUT
ADC12_IN4
-
---
--
-
H9
19
19
-
-
30
30
-
-
VSSA
S
-
-
-
-
-
---
--
-
G8
20
20
-
-
31
31
-
-
VREF-
S
-
-
-
-
8
8
8
8
12
12
H9
-
-
-
J1
J1
-
-
K2
K2
VSSA/VR
EF-
S-
-
-
-
-
-
-
-
-
-
H10 G7
21
21L1
L13232
L1L1
VREF+
S
-
-
-
VREFBUF_OUT
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More