전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CE 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 STM32L4P5CE
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 34Page - STMicroelectronics STM32L4P5CE Datasheet HTML 35Page - STMicroelectronics STM32L4P5CE Datasheet HTML 36Page - STMicroelectronics STM32L4P5CE Datasheet HTML 37Page - STMicroelectronics STM32L4P5CE Datasheet HTML 38Page - STMicroelectronics STM32L4P5CE Datasheet HTML 39Page - STMicroelectronics STM32L4P5CE Datasheet HTML 40Page - STMicroelectronics STM32L4P5CE Datasheet HTML 41Page - STMicroelectronics STM32L4P5CE Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 311 page
background image
Functional overview
STM32L4P5xx
38/311
DS12903 Rev 2
interrupt is generated if enabled. LSE failure can also be detected and generated an
interrupt.
•
Clock-out capability:
–
MCO (microcontroller clock output): it outputs one of the internal clocks for
external use by the application
–
LSCO (low-speed clock output): it outputs LSI or LSE in all low-power modes
(except VBAT).
Several prescalers allow the AHB frequency, the high speed APB (APB2) and the low-
speed APB (APB1) domains to be configured. The maximum frequency of the AHB and the
APB domains is 120 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More