전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CE 데이터시트(PDF) 99 Page - STMicroelectronics

부품명 STM32L4P5CE
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE 데이터시트(HTML) 99 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 95Page - STMicroelectronics STM32L4P5CE Datasheet HTML 96Page - STMicroelectronics STM32L4P5CE Datasheet HTML 97Page - STMicroelectronics STM32L4P5CE Datasheet HTML 98Page - STMicroelectronics STM32L4P5CE Datasheet HTML 99Page - STMicroelectronics STM32L4P5CE Datasheet HTML 100Page - STMicroelectronics STM32L4P5CE Datasheet HTML 101Page - STMicroelectronics STM32L4P5CE Datasheet HTML 102Page - STMicroelectronics STM32L4P5CE Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 311 page
background image
29
29
29
29
41
41
E3
E3
67
67
D11 D11 100 100
G8
G8
PA8
I/O
FT
_f
-
MCO, TIM1_CH1,
SAI1_CK2,
USART1_CK,
OTG_FS_SOF,
LCD_B7,
SAI1_SCK_A,
LPTIM2_OUT,
EVENTOUT
-
30
30
30
30
42
42
D3
D3
68
68
D10 D10 101 101 F10 F10
PA9
I/O
FT
_fl
u
-
TIM1_CH2,
SPI2_SCK,
DCMI_D0/PSSI_D0,
USART1_TX,
LCD_G7,
SAI1_FS_A,
TIM15_BKIN,
EVENTOUT
OTG_FS_VBUS
31
31
31
31
43
43
D2
D2
69
69
C12 C12 102 102
F9
F9
PA10
I/O
FT
_fl
u
-
TIM1_CH3, SAI1_D1,
DCMI_D1/PSSI_D1,
USART1_RX,
OTG_FS_ID,
LCD_G6,
SAI1_SD_A,
TIM17_BKIN,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More