전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CE 데이터시트(PDF) 83 Page - STMicroelectronics

부품명 STM32L4P5CE
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE 데이터시트(HTML) 83 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 79Page - STMicroelectronics STM32L4P5CE Datasheet HTML 80Page - STMicroelectronics STM32L4P5CE Datasheet HTML 81Page - STMicroelectronics STM32L4P5CE Datasheet HTML 82Page - STMicroelectronics STM32L4P5CE Datasheet HTML 83Page - STMicroelectronics STM32L4P5CE Datasheet HTML 84Page - STMicroelectronics STM32L4P5CE Datasheet HTML 85Page - STMicroelectronics STM32L4P5CE Datasheet HTML 86Page - STMicroelectronics STM32L4P5CE Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 311 page
background image
12
12
12
12
16
16
H8
H7
25
25
K3
K3
36
36
N1
N1
PA2
I/O
FT
_la
-
TIM2_CH3,
TIM5_CH3,
USART2_TX,
LPUART1_TX,
OCTOSPIM_P1_NCS
, SAI2_EXTCLK,
TIM15_CH1,
EVENTOUT
ADC12_IN7,
WKUP4/LSCO
13
13
13
13
17
17
J9
J9
26
26
L3
L3
37
37
M2
M2
PA3
I/O
TT
_a
-
TIM2_CH4,
TIM5_CH4,
SAI1_CK1,
USART2_RX,
LPUART1_RX,
OCTOSPIM_P1_CLK
, SAI1_MCLK_A,
TIM15_CH2,
EVENTOUT
OPAMP1_VOUT,
ADC12_IN8
-
-
-
-
18
18
K10 K10
27
27
E3
E3
38
38
H2
H2
VSS
S
-
-
-
-
-
-
-
-
19
19
J8
J8
28
28
H3
H3
39
39
N3
N3
VDD
S
-
-
-
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More