전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CE 데이터시트(PDF) 82 Page - STMicroelectronics

부품명 STM32L4P5CE
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE 데이터시트(HTML) 82 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 78Page - STMicroelectronics STM32L4P5CE Datasheet HTML 79Page - STMicroelectronics STM32L4P5CE Datasheet HTML 80Page - STMicroelectronics STM32L4P5CE Datasheet HTML 81Page - STMicroelectronics STM32L4P5CE Datasheet HTML 82Page - STMicroelectronics STM32L4P5CE Datasheet HTML 83Page - STMicroelectronics STM32L4P5CE Datasheet HTML 84Page - STMicroelectronics STM32L4P5CE Datasheet HTML 85Page - STMicroelectronics STM32L4P5CE Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 311 page
background image
-
-
-
-
-
-
J10 J10
22
22
M1
M1
33
33
L2
L2
VDDA
S
-
-
-
-
9
9
9
9
13
13
---
--
---
--
VDDA/VR
EF+
S-
-
-
-
10
10
10
10
14
14
G8
G9
23
23
L2
L2
34
34
K3
K3
PA0
I/O
FT
_a
-
TIM2_CH1,
TIM5_CH1,
TIM8_ETR,
USART2_CTS_NSS,
UART4_TX,
SAI1_EXTCLK,
TIM2_ETR,
EVENTOUT
OPAMP1_VINP,
ADC12_IN5,
RTC_TAMP2,WKU
P1
-
---
--
---
-
M3
M3
-
-
M1
M1
OPAMP1
_VINM
ITT
-
-
-
11
11
11
11
15
15
G7
H8
24
24
M2
M2
35
35
N2
N2
PA1
I/O
FT
_la
-
TIM2_CH2,
TIM5_CH2,
I2C1_SMBA,
SPI1_SCK,
USART2_RTS_DE,
UART4_RX,
OCTOSPIM_P1_DQS
, SDMMC2_CMD,
TIM15_CH1N,
EVENTOUT
OPAMP1_VINM,
ADC12_IN6
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More