전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CE 데이터시트(PDF) 87 Page - STMicroelectronics

부품명 STM32L4P5CE
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE 데이터시트(HTML) 87 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 83Page - STMicroelectronics STM32L4P5CE Datasheet HTML 84Page - STMicroelectronics STM32L4P5CE Datasheet HTML 85Page - STMicroelectronics STM32L4P5CE Datasheet HTML 86Page - STMicroelectronics STM32L4P5CE Datasheet HTML 87Page - STMicroelectronics STM32L4P5CE Datasheet HTML 88Page - STMicroelectronics STM32L4P5CE Datasheet HTML 89Page - STMicroelectronics STM32L4P5CE Datasheet HTML 90Page - STMicroelectronics STM32L4P5CE Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 311 page
background image
-
---
--
---
-
K7
K7
53
53
M6
M6
PF13
I/O FT
-
I2C4_SMBA,
LCD_B1, FMC_A7,
EVENTOUT
-
-
---
--
---
-
J8
J8
54
54
L6
L6
PF14
I/O
FT
_f
-
I2C4_SCL,
TSC_G8_IO1,
LCD_G0, FMC_A8,
EVENTOUT
-
-
---
--
---
-
J9
J9
55
55
K6
K6
PF15
I/O
FT
_f
-
I2C4_SDA,
TSC_G8_IO2,
LCD_G1, FMC_A9,
EVENTOUT
-
-
---
--
---
-
H9
H9
56
56
J6
J6
PG0
I/O FT
-
OCTOSPIM_P2_IO4,
TSC_G8_IO3,
FMC_A10,
EVENTOUT
-
-
---
--
---
-
G9
G9
57
57
H6
H6
PG1
I/O FT
-
OCTOSPIM_P2_IO5,
TSC_G8_IO4,
FMC_A11,
EVENTOUT
-
-
-
-
-
-
-
K6
K6
38
38
M7
M7
58
58
L7
L7
PE7
I/O FT
-
TIM1_ETR,
DFSDM1_DATIN2,
LCD_B6, FMC_D4,
SAI1_SD_B,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More