전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CE 데이터시트(PDF) 97 Page - STMicroelectronics

부품명 STM32L4P5CE
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE 데이터시트(HTML) 97 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 93Page - STMicroelectronics STM32L4P5CE Datasheet HTML 94Page - STMicroelectronics STM32L4P5CE Datasheet HTML 95Page - STMicroelectronics STM32L4P5CE Datasheet HTML 96Page - STMicroelectronics STM32L4P5CE Datasheet HTML 97Page - STMicroelectronics STM32L4P5CE Datasheet HTML 98Page - STMicroelectronics STM32L4P5CE Datasheet HTML 99Page - STMicroelectronics STM32L4P5CE Datasheet HTML 100Page - STMicroelectronics STM32L4P5CE Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 311 page
background image
-
---
--
---
-
H4
H4
92
92
H10 H10
PG7
I/O
FT
_fs
-
SAI1_CK1,
I2C3_SCL,
OCTOSPIM_P2_DQS
, DFSDM1_CKOUT,
LPUART1_TX,
FMC_INT,
SAI1_MCLK_A,
EVENTOUT
-
-
---
--
---
-
J6
J6
93
93
H9
H9
PG8
I/O
FT
_fs
-
I2C3_SDA,
LPUART1_RX,
EVENTOUT
-
-
---
--
---
-
F7
F7
94
94
F13 F13
VSS
S
-
-
-
-
-
---
--
---
-
G7
G7
95
95
F12 F12
VDDIO2
S
-
-
-
-
-
-
-
-
37
37
F4
F2
63
63
E12 E12
96
96
F11 F11
PC6
I/O FT
-
TIM3_CH1,
TIM8_CH1,
DFSDM1_CKIN3,
SDMMC2_D6,
SDMMC1_D0DIR,
TSC_G4_IO1,
DCMI_D0/PSSI_D0,
LCD_G7,
SDMMC1_D6,
SAI2_MCLK_A,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More