전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CE 데이터시트(PDF) 126 Page - STMicroelectronics

부품명 STM32L4P5CE
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CE 데이터시트(HTML) 126 Page - STMicroelectronics

Back Button STM32L4P5CE Datasheet HTML 122Page - STMicroelectronics STM32L4P5CE Datasheet HTML 123Page - STMicroelectronics STM32L4P5CE Datasheet HTML 124Page - STMicroelectronics STM32L4P5CE Datasheet HTML 125Page - STMicroelectronics STM32L4P5CE Datasheet HTML 126Page - STMicroelectronics STM32L4P5CE Datasheet HTML 127Page - STMicroelectronics STM32L4P5CE Datasheet HTML 128Page - STMicroelectronics STM32L4P5CE Datasheet HTML 129Page - STMicroelectronics STM32L4P5CE Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 311 page
background image
Port
C
PC0
LPUART1_RX
-
-
LCD_DE
SDMMC1_CMD
SAI2_FS_A
LPTIM2_IN1
EVENTOUT
PC1
LPUART1_TX
-
OCTOSPIM_P1_IO4
-
-
SAI1_SD_A
-
EVENTOUT
PC2
-
-
OCTOSPIM_P1_IO5
LCD_HSYNC
-
-
-
EVENTOUT
PC3
-
-
OCTOSPIM_P1_IO6
-
-
SAI1_SD_A
LPTIM2_ETR
EVENTOUT
PC4
-
-
OCTOSPIM_P1_IO7
-
-
-
-
EVENTOUT
PC5
-
-
-
LCD_CLK
-
-
-
EVENTOUT
PC6
SDMMC1_D0DI
R
TSC_G4_IO1
DCMI_D0/PSSI_D0
LCD_G7
SDMMC1_D6
SAI2_MCLK_A
-
EVENTOUT
PC7
SDMMC1_D123
DIR
TSC_G4_IO2
DCMI_D1/PSSI_D1
LCD_B6
SDMMC1_D7
SAI2_MCLK_B
-
EVENTOUT
PC8
-
TSC_G4_IO3
DCMI_D2/PSSI_D2
-
SDMMC1_D0
-
-
EVENTOUT
PC9
-
TSC_G4_IO4
OTG_FS_NOE
-
SDMMC1_D1
SAI2_EXTCLK
TIM8_BKIN2
EVENTOUT
PC10
UART4_TX
TSC_G3_IO2
DCMI_D8/PSSI_D8
-
SDMMC1_D2
SAI2_SCK_B
-
EVENTOUT
PC11
UART4_RX
TSC_G3_IO3
DCMI_D4/PSSI_D4
-
SDMMC1_D3
SAI2_MCLK_B
-
EVENTOUT
PC12
UART5_TX
TSC_G3_IO4
DCMI_D9/PSSI_D9
LCD_R6
SDMMC1_CK
SAI2_SD_B
-
EVENTOUT
PC13
-
---
-
-
-
EVENTOUT
PC14
-
---
-
-
-
EVENTOUT
PC15
-
---
-
-
-
EVENTOUT
Table 17. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
UART4/5/LPUA
RT1/CAN2/SDM
MC1/2
CAN1/TSC/LCD
CAN2/OTG_FS/DCMI/
OCTOSPIM_P1/2/QU
ADSPI
SDMMC2/LCD/D
SI/LCD
SDMMC1/2/COM
P1/2/TIM1/8/FM
C/SWPMI1
SAI1/2/TIM8
TIM2/8/15/16/1
7/LPTIM2
EVENOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More