| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU3 데이터시트(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3 데이터시트(HTML) 121 Page - STMicroelectronics |
|
121 / 311 page ![]() Port G PG0 --- -- OCTOSPIM_P2_ IO4 -- PG1 --- -- OCTOSPIM_P2_ IO5 -- PG2 --- -- SPI1_SCK - - PG3 --- -- SPI1_MISO - - PG4 --- -- SPI1_MOSI - - PG5 --- -- SPI1_NSS - - PG6 --- OCTOSPIM_P1_ DQS I2C3_SMBA - - - PG7 - - - SAI1_CK1 I2C3_SCL OCTOSPIM_P2_ DQS DFSDM1_CKOU T - PG8 - - - - I2C3_SDA - - - PG9 --- -- OCTOSPIM_P2_ IO6 SPI3_SCK USART1_TX PG10 - LPTIM1_IN1 - - - OCTOSPIM_P2_ IO7 SPI3_MISO USART1_RX PG11 - LPTIM1_IN2 - OCTOSPIM_P1_ IO5 - - SPI3_MOSI USART1_CTS_ NSS PG12 - LPTIM1_ETR - - - OCTOSPIM_P2_ NCS SPI3_NSS USART1_RTS_ DE PG13 - - - - I2C1_SDA - - USART1_CK PG14 - - - - I2C1_SCL - - - PG15 - LPTIM1_OUT - - I2C1_SMBA OCTOSPIM_P2_ DQS -- Table 16. Alternate function AF0 to AF7(1) (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 OTG_FS/SYS_A F TIM1/2/5/8/LPTI M1 TIM1/2/3/4/5 SPI2/SAI1/I2C4/ USART2/CAN2/ OTG_FS/TIM1/8 /OCTOSPIM_P1/ QUADSPI I2C1/2/3/4/DCMI SPI1/2/3/I2C4/D FSDM1/DCMI/O CTOSPIM_P1/2/ QUADSPI SPI3/I2C3/DFSD M1/COMP1/OCT OSPIM_P1/2/QU ADSPI USART1/2/3/SD MMC2 |