전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320VC5502 데이터시트(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320VC5502
상세설명  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 데이터시트(HTML) 38 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 34Page - Texas Instruments TMS320VC5502 Datasheet HTML 35Page - Texas Instruments TMS320VC5502 Datasheet HTML 36Page - Texas Instruments TMS320VC5502 Datasheet HTML 37Page - Texas Instruments TMS320VC5502 Datasheet HTML 38Page - Texas Instruments TMS320VC5502 Datasheet HTML 39Page - Texas Instruments TMS320VC5502 Datasheet HTML 40Page - Texas Instruments TMS320VC5502 Datasheet HTML 41Page - Texas Instruments TMS320VC5502 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 190 page
background image
www.ti.com
3.3.3
Serial Port 2 Mux
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Table 3-5. TMS320VC5502 Routing of Host Port Mux Signals
PARALLEL/HOST PORT MUX MODE = 0
PARALLEL/HOST PORT MUX MODE = 1
PIN
(PGPIO)
(8-BIT HPI MULTIPLEXED)
Data Bus
HD[7:0]
PGPIO[43:36]
HPI.HD[7:0]
Control Bus
HC0
PGPIO44
HPI.HAS
HC1
PGPIO45
HPI.HBIL
The 5502 has three serial ports: McBSP0, McBSP1, and McBSP2, each of which has six signals. The
signals for McBSP0 and McBSP1 are directly routed to pins on the 5502. Four of the pins for McBSP2 are
multiplexed with two pins of the on-chip UART and two pins of the GPIO, the mode of the Serial Port 2
Mux determines which signals are routed to the 5502 pins.
The mode of the Serial Port 2 Mux is determined by the state of the GPIO7 pin at reset. If GPIO7 is low,
the UART is enabled and its RX and TX pins are routed to the SP1 and SP3 pins, respectively. The
GPIO3 and GPIO5 pins are routed to the SP0 and SP2 pins, respectively. In this mode, McBSP2 will be
disabled and any writes or reads to/from its registers will result in a bus error if the PERITOEN bit of the
Time-Out Control Register is set to 1.
If GPIO7 is high, McBSP2 will be enabled and its CLKX2, CLKR2, FSX2, and FSR2 signals will be routed
to the SP0, SP1, SP2, and SP3 pins, respectively. In this mode, the UART will be disabled and any writes
or reads to/from its registers will result in a bus error if the PERITOEN bit of the Time-Out Control Register
is set to 1. GPIO3 and GPIO5 will not be available during this mode of the Serial Port 2 Mux.
Table 3-6 lists the individual routing of the McBSP2, UART, and GPIO signals to the Serial Port 2 Mux
pins.
Table 3-6. TMS320VC5502 Routing of Serial Port 2 Mux Signals
PIN
SERIAL PORT 2 MUX MODE = 0
SERIAL PORT 2 MUX MODE = 1
SP0
GPIO3
CLKX2
SP1
UART.TX
CLKR2
SP2
GPIO5
FSX2
SP3
UART.RX
FSR2
Functional Overview
38
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com