전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320VC5502 데이터시트(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320VC5502
상세설명  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 데이터시트(HTML) 96 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 92Page - Texas Instruments TMS320VC5502 Datasheet HTML 93Page - Texas Instruments TMS320VC5502 Datasheet HTML 94Page - Texas Instruments TMS320VC5502 Datasheet HTML 95Page - Texas Instruments TMS320VC5502 Datasheet HTML 96Page - Texas Instruments TMS320VC5502 Datasheet HTML 97Page - Texas Instruments TMS320VC5502 Datasheet HTML 98Page - Texas Instruments TMS320VC5502 Datasheet HTML 99Page - Texas Instruments TMS320VC5502 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 190 page
background image
www.ti.com
3.13 External Bus Control Register
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
The External Bus Control Register is used to disable/enable the bus pullups, pulldowns, and bus holders
of the 5502 pins. Table 3-46 lists which 5502 pins have pullups, pulldowns, and bus holders, and which bit
on the XBCR enables/disables that feature. Please note that for pins with dual functionality (e.g., HC0,
HC1, C0, etc.), the bus holder, pullup, and pulldown feature of each pin can be enabled or disabled
regardless of the function of the pin at the time.
Table 3-46. Pins With Pullups, Pulldowns, and Bus Holders
XBCR CONTROL BIT
PIN
FEATURE
TCK
Pullup
TDI
Pullup
TEST
TMS
Pullup
TRST
Pulldown
EMU1/OFF
Pullup
EMU
EMU0
Pullup
WDT
NMI/WDTOUT
Pullup
HC0
Pullup
HC1
Pulldown
HCNTL0
Pullup
HCNTL1
Pullup
HCS
Pullup
HC
HR/W
Pullup
HDS1
Pullup
HDS2
Pullup
HRDY
Pullup
HINT
Pullup
HD
HD[7:0]
Bus Holder
C0
Bus Holder
C1
Bus Holder
C2
Bus Holder
C3
Pullup
C4
Bus Holder
C5
Bus Holder
C6
Bus Holder
C7
Bus Holder
PC
C8
Bus Holder
C9
Bus Holder
C10
Bus Holder
C11
Bus Holder
C12
Bus Holder
C13
Bus Holder
C14
Pullup
C15
Bus Holder
PD
D[31:0]
Bus Holder
PA
A[21:2]
Bus Holder
Functional Overview
96
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com