전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320VC5502 데이터시트(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320VC5502
상세설명  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 데이터시트(HTML) 78 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 74Page - Texas Instruments TMS320VC5502 Datasheet HTML 75Page - Texas Instruments TMS320VC5502 Datasheet HTML 76Page - Texas Instruments TMS320VC5502 Datasheet HTML 77Page - Texas Instruments TMS320VC5502 Datasheet HTML 78Page - Texas Instruments TMS320VC5502 Datasheet HTML 79Page - Texas Instruments TMS320VC5502 Datasheet HTML 80Page - Texas Instruments TMS320VC5502 Datasheet HTML 81Page - Texas Instruments TMS320VC5502 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Table 3-28. IDLE Configuration Register Bit Field Description (continued)
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
PERI
3
R/W
0
Peripheral Idle control bit
•
PERI = 0:
All peripheral modules become/remain active after execution of an
IDLE instruction
•
PERI = 1:
All peripheral modules with 1 in PICR are disabled after execution of
an IDLE instruction
ICACHEI
2
R/W
0
ICACHE idle control bit
•
ICACHEI = 0:
ICACHE module remains active after execution of an IDLE instruction
•
ICACHEI = 1:
ICACHE module is disabled after execution of an IDLE instruction
MPI
1
R/W
0
Master peripheral (DMA and HPI) idle control bit
•
MPI = 0:
DMA and HPI modules remain active after execution of an IDLE
instruction
•
MPI = 1:
DMA and HPI modules are disabled after execution of an IDLE
instruction
CPUI
0
R/W
0
CPU idle control bit
•
CPUI = 0:
CPU module remains active after execution of an IDLE instruction
•
CPUI = 1:
CPU module is disabled after execution of an IDLE instruction
3.11.7.2 IDLE Status Register (ISTR)
15
9
8
Reserved
IPORTIS
R, 0000000
R, 0
7
6
5
4
3
2
1
0
MPORTIS
XPORTIS
EMIFIS
CLKIS
PERIS
ICACHEIS
MPIS
CPUIS
R, 0
R, 0
R, 0
R, 0
R, 0
R, 0
R, 0
R, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-27. IDLE Status Register Layout (0x0002)
Table 3-29. IDLE Status Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-9
R
0000000
Reserved
IPORTIS
8
R
0
IPORT idle status bit. The IPORT is used for all ICACHE transactions.
•
IPORTIS = 0: IPORT is active
•
IPORTIS = 1: IPORT is disabled
MPORTIS
7
R
0
MPORT idle status bit. The MPORT is used for all DMA and HPI
transactions.
•
MPORTIS = 0: MPORT is active
•
MPORTIS = 1: MPORT is disabled
XPORTIS
6
R
0
XPORT idle status bit. The XPORT is used for all I/O memory transactions.
•
XPORTIS = 0: XPORT is active
•
XPORTIS = 1: XPORT is disabled
EMIFIS
5
R
0
External Memory Interface (EMIF) idle status bit
•
EMIFIS = 0: EMIF module is active
•
EMIFIS = 1: EMIF module is disabled
Functional Overview
78
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com