| 전자부품 데이터시트 검색엔진 |
|
H838532H 데이터시트(PDF) 81 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838532H 데이터시트(HTML) 81 Page - Renesas Technology Corp |
|
81 / 508 page ![]() Section 3 Exception Handling Rev. 1.00 May 30, 2008 Page 61 of 484 REJ09B0436-0100 3.3 Interrupts 3.3.1 Overview The interrupt sources include 13 external interrupts (IRQ 4 to IRQ0, WKP7 to WKP0) and 23 internal interrupts from on-chip peripheral modules. Table 3.2 shows the interrupt sources, their priorities, and their vector addresses. When more than one interrupt is requested, the interrupt with the highest priority is processed. The interrupts have the following features: • Internal and external interrupts can be masked by the I bit in CCR. When the I bit is set to 1, interrupt request flags can be set but the interrupts are not accepted. • IRQ 4 to IRQ0 and WKP7 to WKP0 can be set to either rising edge sensing or falling edge sensing. |