| 전자부품 데이터시트 검색엔진 |
|
7220 데이터시트(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 데이터시트(HTML) 20 Page - Renesas Technology Corp |
|
20 / 303 page ![]() 1-2 7220 Group User’s Manual OVERVIEW 1.1 Performance overview 1.1 Performance overview The 8-bit microcomputers: -M37221M4-XXXSP -M37221M6-XXXSP/FP -M37221M8-XXXSP -M37221MA-XXXSP -M37220M3-XXXSP/FP have their simple instruction set; the ROM, RAM, and I/O addresses are placed on the same memory map to enable easy programming. Furthermore, they have many additional functions for tuning system for TV: q PWM output (14-bit and 8-bit) q CRT display q A-D comparator (resistance string method) q Software runaway detection q Multi-master I2C-BUS interface function q ROM correction function And also, they can allow low power dissipation by the use of CMOS processing. The M37221M6-XXXSP/FP is used as a general example in describing the functions of the above microcomputers, unless otherwise noted. |