전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7220 데이터시트(PDF) 257 Page - Renesas Technology Corp

부품명 7220
상세설명  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 데이터시트(HTML) 257 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 253Page - Renesas Technology Corp 7220 Datasheet HTML 254Page - Renesas Technology Corp 7220 Datasheet HTML 255Page - Renesas Technology Corp 7220 Datasheet HTML 256Page - Renesas Technology Corp 7220 Datasheet HTML 257Page - Renesas Technology Corp 7220 Datasheet HTML 258Page - Renesas Technology Corp 7220 Datasheet HTML 259Page - Renesas Technology Corp 7220 Datasheet HTML 260Page - Renesas Technology Corp 7220 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 303 page
background image
APPENDIX
6.7 Control registers
7220 Group User’s Manual
6-38
Fig. 6.7.13 DA n conversion register (only M37220M3-XXXSP/FP)
b7 b6 b5 b4 b3 b2 b1 b0
DA n conversion register (DAn) (n = 1 and 2) [Address 00DE16, 00DF16]
B
After reset
R W
DA n Conversion Register
0
to
5
6
Indeterminate
0
Name
Functions
DA conversion set
bits
(DAn0–DAn5)
b0
b1
b2
b3
b4
b5
Fix this bit to “0.”
1
0000
00
0000
0
0
0000
0
0
111
1
1
1111
1
1
1111
11
: 1/64Vcc
: 2/64Vcc
: 61/64Vcc
: 62/64Vcc
: 63/64Vcc
: 0/64Vcc
7
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “ 0.”
RW
R—
R—
0
Fig. 6.7.14 Horizontal position register
b7 b6 b5 b4 b3 b2 b1 b0
Horizontal position register (HR) [Address 00E016]
B
Name
Functions
After reset
RW
Horizontal Position Register
0
to
5
6, 7
Horizontal display start
positions (HR0 to HR5)
64 steps (0016 to 3F16)
0
0
Nothing is assigned. These bits are write disable bits.
When thses bits are read out, the values are “0.”
RW
R—
Addresses 00DE16, 00DF16
Address 00E016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More