전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8308VMAGDA 데이터시트(PDF) 56 Page - Freescale Semiconductor, Inc

부품명 MPC8308VMAGDA
상세설명  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMAGDA 데이터시트(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMAGDA Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
56
Freescale Semiconductor
I2C
15 I2C
This section describes the DC and AC electrical characteristics for the I2C interface.
15.1
I2C DC Electrical Characteristics
Table 43 provides the DC electrical characteristics for the I2C interface.
15.2
I2C AC Electrical Specifications
Table 44 provides the AC timing parameters for the I2C interface.
Table 43. I2C DC Electrical Characteristics
At recommended operating conditions with NVDD of 3.3 V ± 0.3 V.
Parameter
Symbol
Min
Max
Unit Notes
Input high voltage level
VIH
0.7
× NV
DD
NVDD + 0.3
V
—
Input low voltage level
VIL
–0.3
0.3
× NV
DD
V—
Low level output voltage
VOL
00.2
× NV
DD
V1
High level output voltage
VOH
0.8 x NVDD
NVDD + 0.3
V
—
Output fall time from VIH(min) to VIL(max) with a bus capacitance from 10
to 400 pF
tI2KLKV 20 + 0.1 × CB
250
ns
2
Pulse width of spikes which must be suppressed by the input filter
tI2KHKL
050
ns
3
Capacitance for each I/O pin
CI
—10
pF
—
Input current, (0 V
≤V
IN ≤ NVDD)IIN
—± 5
μA—
Notes:
1. Output voltage (open drain or open collector) condition = 3 mA sink current.
2. CB = capacitance of one bus line in pF.
3. For information on the digital filter used, see the MPC8308 PowerQUICC II Pro Processor Reference Manual.
Table 44. I2C AC Electrical Specifications
All values refer to VIH (min) and VIL (max) levels (see Table 43).
Parameter
Symbol1
Min
Max
Unit
SCL clock frequency
fI2C
0
400
kHz
Low period of the SCL clock
tI2CL
1.3
—
μs
High period of the SCL clock
tI2CH
0.6
—
μs
Setup time for a repeated START condition
tI2SVKH
0.6
—
μs
Hold time (repeated) START condition (after this period, the first clock pulse is generated)
tI2SXKL
0.6
—
μs
Data setup time
tI2DVKH
100
—
ns
Data hold time:
I2C bus devices
tI2DXKL
—
0 2
—
0.9 3
μs
Fall time of both SDA and SCL signals5
tI2CF
—300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com