| 전자부품 데이터시트 검색엔진 |
|
HCS12 데이터시트(PDF) 263 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 데이터시트(HTML) 263 Page - Freescale Semiconductor, Inc |
|
263 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 263 Operation: Description: Shifts all bits of memory location M one place to the left. Bit 0 is loaded from the C status bit. The C bit is loaded from the most significant bit of M. Rotate operations include the carry bit to allow extension of shift and rotate operations to multiple bytes. For example, to shift a 24-bit value one bit to the left, the sequence ASL LOW, ROL MID, ROL HIGH could be used where LOW, MID and HIGH refer to the low-order, middle and high-order bytes of the 24-bit value, respectively. ROL Rotate Left Memory ROL C b7 – – – – – – b0 C CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: N ⊕ C = [N • C] + [N • C] (for N and C after the shift) Set if (N is set and C is cleared) or (N is cleared and C is set); cleared otherwise (for values of N and C after the shift) C: M7 Set if the MSB of M was set before the shift; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 ROL opr16a ROL oprx0_xysp ROL oprx9,xysp ROL oprx16,xysp ROL [D,xysp] ROL [oprx16,xysp] EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 75 hh ll 65 xb 65 xb ff 65 xb ee ff 65 xb 65 xb ee ff rPwO rPw rPwO frPwP fIfrPw fIPrPw rOPw rPw rPOw frPPw fIfrPw fIPrPw |