| 전자부품 데이터시트 검색엔진 |
|
HCS12 데이터시트(PDF) 195 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 데이터시트(HTML) 195 Page - Freescale Semiconductor, Inc |
|
195 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 195 Operation: (SP) – $0002 ⇒ SP RTNH : RTNL ⇒ M(SP) : M(SP + 1) Subroutine Address ⇒ PC Description: Sets up conditions to return to normal program flow, then transfers control to a subroutine. Uses the address of the instruction following the JSR as a return address. Decrements the SP by two to allow the two bytes of the return address to be stacked. Stacks the return address. The SP points to the high order byte of the return address. Calculates an effective address according to the rules for extended, direct, or indexed addressing. Jumps to the location determined by the effective address. Subroutines are normally terminated with an RTS instruction, which restores the return address from the stack. JSR Jump to Subroutine JSR CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code Access Detail HCS12 M68HC12 JSR opr8a JSR opr16a JSR oprx0_xysp JSR oprx9,xysp JSR oprx16,xysp JSR [D,xysp] JSR [oprx16,xysp] DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 17 dd 16 hh ll 15 xb 15 xb ff 15 xb ee ff 15 xb 15 xb ee ff SPPP SPPP PPPS PPPS fPPPS fIfPPPS fIfPPPS PPPS PPPS PPPS PPPS fPPPS fIfPPPS fIfPPPS |