전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC695CSWPBF 데이터시트(PDF) 8 Page - Linear Technology

부품명 LTC695CSWPBF
상세설명  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC695CSWPBF 데이터시트(HTML) 8 Page - Linear Technology

Back Button LTC695CSWPBF Datasheet HTML 4Page - Linear Technology LTC695CSWPBF Datasheet HTML 5Page - Linear Technology LTC695CSWPBF Datasheet HTML 6Page - Linear Technology LTC695CSWPBF Datasheet HTML 7Page - Linear Technology LTC695CSWPBF Datasheet HTML 8Page - Linear Technology LTC695CSWPBF Datasheet HTML 9Page - Linear Technology LTC695CSWPBF Datasheet HTML 10Page - Linear Technology LTC695CSWPBF Datasheet HTML 11Page - Linear Technology LTC695CSWPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
8
690fe
TYPICAL PERFORMANCE CHARACTERISTICS
Reset Active Time
vs Temperature LTC690-1
Reset Active Time
vs Temperature LTC694-5
Reset Voltage Threshold
vs Temperature
Power-Fail Comparator
Response Time
Power-Fail Comparator
Response Time
Power-Fail Comparator Response
Time with Pull-Up Resistor
VOUT vs IOUT
VOUT vs IOUT
Power Failure Input Threshold
vs Temperature
LOAD CURRENT (mA)
0
4.90
4.95
5.00
40
690 G01
4.85
4.80
4.75
10
20
30
50
SLOPE = 5Ω
VCC = 5V
VBATT = 2.8V
TA = 25°C
LOAD CURRENT (μA)
0
2.76
2.78
400
690 G02
2.74
2.72
100
200
300
500
2.80
VCC = 0V
VBATT = 2.8V
TA = 25°C
SLOPE = 125Ω
TEMPERATURE (°C)
–50
1.304
1.306
1.308
25
75
690 G03
1.302
1.300
–25
0
50
100
125
1.298
1.296
1.294
VCC = 5V
TEMPERATURE (°C)
–50
54
56
58
25
75
690 G04
52
50
–25
0
50
100
125
48
46
VCC = 5V
TEMPERATURE (°C)
–50
216
224
232
25
75
690 G05
208
200
–25
0
50
100
125
192
184
VCC = 5V
TEMPERATURE (°C)
–50
4.64
4.65
4.66
25
75
690 G06
4.63
4.62
–25
0
50
100
125
4.61
4.60
TIME (μs)
0
4
5
6
4
690 G07
3
2
0
12
3
5
1
1.305V
1.285V
8
7
6
VCC = 5V
TA = 25°C
+
–
VPFI
1.3V
PFO
30pF
VPFI = 20mV STEP
TIME (μs)
0
4
5
6
40
690 G08
3
2
0
20
60
1
1.315V
1.295V
120
100
80
VPFI = 20mV STEP
180
160
140
VCC = 5V
TA = 25°C
+
–
VPFI
1.3V
PFO
30pF
TIME (μs)
0
4
5
6
4
690 G09
3
2
0
2
6
1
1.315V
1.295V
12
10
8
VPFI = 20mV STEP
18
16
14
VCC = 5V
TA = 25˚C
+
–
VPFI
1.3V
PFO
30pF
10k
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com