전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC695CSWPBF 데이터시트(PDF) 5 Page - Linear Technology

부품명 LTC695CSWPBF
상세설명  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC695CSWPBF 데이터시트(HTML) 5 Page - Linear Technology

  LTC695CSWPBF Datasheet HTML 1Page - Linear Technology LTC695CSWPBF Datasheet HTML 2Page - Linear Technology LTC695CSWPBF Datasheet HTML 3Page - Linear Technology LTC695CSWPBF Datasheet HTML 4Page - Linear Technology LTC695CSWPBF Datasheet HTML 5Page - Linear Technology LTC695CSWPBF Datasheet HTML 6Page - Linear Technology LTC695CSWPBF Datasheet HTML 7Page - Linear Technology LTC695CSWPBF Datasheet HTML 8Page - Linear Technology LTC695CSWPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
5
690fe
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: For military temperature range parts or for the LTC692 and
LTC693, consult the factory.
Note 4: The output pins of BATT ON, LOW⎯LINE, PFO, WDO, RESET and
RESET have weak internal pull-ups of typically 3μA. However, external pull-
up resistors may be used when higher speed is required.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESET, RESET, WDO, LOW⎯LINE
Output Short-Circuit Current (Note 4)
Output Source Current
1
3
25
μA
Output Sink Current
25
mA
WDI Input Threshold
Logic Low
Logic high
3.5
0.8
V
WDI Input Current
WDI = VOUT
WDI = 0V
l
l
–50
4
–8
50
μA
Power-Fail Detector
PFI Input Threshold
VCC = 5V
l
1.25
1.3
1.35
V
PFI Input Threshold PSRR
0.3
mV/V
PFI Input Current
±0.01
±25
nA
PFO Output Voltage (Note 4)
ISINK = 3.2mA
ISOURCE = 1μA
3.5
0.4
V
PFO Short-Circuit Source Current (Note 4)
PFI = HIGH, PFO = 0V
1
3
25
μA
PFI = LOW, PFO = VOUT
25
mA
PFI Comparator Response Time (Falling)
ΔVIN = –20mV, VOD = 15mV
2
μs
PFI Comparator Response Time (Rising) (Note 4)
ΔVIN = 20mV, VOD = 15mV
with 10kΩ Pull-Up
40
8
μs
Chip Enable Gating
CE IN Threshold
VIL
VIH
2
0.8
V
CE IN Pull-Up Current (Note 7)
3μA
CE OUT Output Voltage
ISINK = 3.2mA
ISOURCE = 3.0mA
ISOURCE = 1μA, VCC = 0V
VOUT – 1.50
VOUT – 0.05
0.4
V
CE Propagation Delay
VCC = 5V, CL = 20pF
l
20
20
35
45
ns
CE OUT Output Short-Circuit Current
Output Source Current
Output Sink Current
30
35
mA
Oscillator
OSC IN Input Current (Note 7)
±2
μA
OSC SEL Input Pull-Up Current (Note 7)
5μA
OSC IN Frequency Range
OSC SEL = 0V
l
0
250
kHz
OSC IN Frequency with External Capacitor
OSC SEL = 0V, COSC = 47pF
4
kHz
ELECTRICAL CHARACTERISTICS The l denotes specifications which apply over the operating temperature
range, otherwise specifications are at TA = 25°C. VCC = full operating range, VBATT = 2.8V, unless otherwise noted.
Note 5: The LTC690 and LTC691 have minimum reset active time of 35ms
(50ms typically) while the LTC694 and LTC695 have longer minimum
reset active time of 140ms (200ms typically). The reset active time of
the LTC691 and LTC695 can be adjusted (see Table 2 in Applications
Information section).
Note 6: The external clock feeding into the circuit passes through the
oscillator before clocking the watchdog timer (See Block Diagram).
Variation in the timeout period is caused by phase errors which occur
when the oscillator divides the external clock by 64. The resulting variation
in the timeout period is 64 clocks plus one clock of jitter.
Note 7: The input pins of CE IN, OSC IN and OSC SEL have weak internal
pullups which pull to the supply when the input pins are floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com