전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC695CSWPBF 데이터시트(PDF) 13 Page - Linear Technology

부품명 LTC695CSWPBF
상세설명  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC695CSWPBF 데이터시트(HTML) 13 Page - Linear Technology

Back Button LTC695CSWPBF Datasheet HTML 9Page - Linear Technology LTC695CSWPBF Datasheet HTML 10Page - Linear Technology LTC695CSWPBF Datasheet HTML 11Page - Linear Technology LTC695CSWPBF Datasheet HTML 12Page - Linear Technology LTC695CSWPBF Datasheet HTML 13Page - Linear Technology LTC695CSWPBF Datasheet HTML 14Page - Linear Technology LTC695CSWPBF Datasheet HTML 15Page - Linear Technology LTC695CSWPBF Datasheet HTML 16Page - Linear Technology LTC695CSWPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
13
690fe
APPLICATIONS INFORMATION
V5V
R1
R3
850V
HYSTERESIS ==
R3 ≈ 5.88 R1
Choose R3 = 300k and R1 = 51k. Also select R4 = 10k
which is much smaller than R3.
7.5V = 1.3V 1+
R2
–
(5V – 1.3V)51
51
1 3 310
kk
Vk
.(
)
⎛
⎝
⎜
⎞
⎠
⎟
R2 = 9.7kΩ, Choose nearest 5% resistor 10k and recalcu-
late VL,
V1.3V 1
10k
–
(5V – 1.3V)51
1.3V(310k
L =+
⎛
⎝
⎜
⎞
⎠
⎟ =
51
732
kk
)
.V
V1.3V 1
51k
10k
51k
300k
8.151V
H =+
+
⎛
⎝
⎜
⎞
⎠
⎟ =
(7.32V – 6.25V)
100mV/ms
10.7ms
=
VHYSTERESIS = 8.151V – 7.32V = 831mV
The 10.7ms allows enough time to execute shutdown
procedure for microprocessor and 831mV of hysteresis
would prevent PFO from going low due to the noise of VIN.
Example 2: The circuit in Figure 9 can be used to measure
the regulated 5V supply to provide early warning of power
failure. Because of variations in the PFI threshold, this
circuit requires adjustment to ensure the PFI comparator
trips before the reset threshold is reached. Adjust R5 such
that the PFO output goes low when the VCC supply reaches
the desired level (e.g., 4.85V).
Monitoring the Status of the Battery
C3 can also monitor the status of the memory back-up
battery (Figure 10). If desired, the CE OUT can be used to
apply a test load to the battery. Since CE OUT is forced high
in battery back-up mode, the test load will not be applied
to the battery while it is in use, even if the microprocessor
is not powered.
3V
5V
690 F10
R1
1M
RL
20k
R2
1M
OPTIONAL TEST LOAD
LOW-BATTERY SIGNAL
TO μP I/O PIN
I/O PIN
VCC
VBATT
GND
PFI
LTC691
LTC695
CE IN
PFO
CE OUT
Figure 10. Back-Up Battery Monitor with Optional Test Load
Watchdog Timer
The LTC690 family provides a watchdog timer function
to monitor the activity of the microprocessor. If the
microprocessor does not toggle the Watchdog Input
(WDI) within a seleced timeout period, RESET is forced to
active low for a minimum of 35ms for the LTC690/LTC691
(140ms for the LTC694/LTC695). The reset active time is
adjustable on the LTC691/LTC695. Since many systems
can not service the watchdog timer immediately after
a reset, the LTC691 and LTC695 have longer timeout
period (1.0 second minimum) right after a reset is issued.
The normal timeout period (70ms minimum) becomes
effective following the first transition of WDI after RESET
is inactive. The watchdog timeout period is fixed at 1.0
second minimum on the LTC690 and LTC694. Figure 11
shows the timing diagram of watchdog timeout period and
reset active time. The watchdog timeout period is restarted
as soon as RESET is inactive. When either a high-to-low
or low-to-high transition occurs at the WDI pin prior to
timeout, the watchdog time is reset and begins to time
out again. To ensure the watchdog time does not time
out, either a high-to-low or low-to-high transition on the
WDI pin must occur at or less than the minimum timeout
period. If the input to the WDI pin remains either high or
low, reset pulses will be issued every 1.6 seconds typically.
The watchdog time can be deactivated by floating the WDI
pin. The timer is also disabled when VCC falls below the
reset voltage threshold or VBATT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com