전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC695CSWPBF 데이터시트(PDF) 18 Page - Linear Technology

부품명 LTC695CSWPBF
상세설명  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC695CSWPBF 데이터시트(HTML) 18 Page - Linear Technology

Back Button LTC695CSWPBF Datasheet HTML 10Page - Linear Technology LTC695CSWPBF Datasheet HTML 11Page - Linear Technology LTC695CSWPBF Datasheet HTML 12Page - Linear Technology LTC695CSWPBF Datasheet HTML 13Page - Linear Technology LTC695CSWPBF Datasheet HTML 14Page - Linear Technology LTC695CSWPBF Datasheet HTML 15Page - Linear Technology LTC695CSWPBF Datasheet HTML 16Page - Linear Technology LTC695CSWPBF Datasheet HTML 17Page - Linear Technology LTC695CSWPBF Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
18
690fe
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1992
LT 0410 REV E • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1326
Micropower Precision Triple Supply Monitor
4.725V, 3.118V, 1V Thresholds (± 0.75%)
LTC1536
Micropower Triple Supply Monitor for PCI Applications
Meets PCI tFAIL Timing Specifications
Write Protect for Additional RAMs
Capacitor Back-Up with 74HC4016 Switch
R1
10k
R2
30k
0.1μF
0.1μF
14
12
11
10
1
7
100μF
13
2
5V
VCC
VOUT
VBATT
74HC4016
LTC690 TA03
LOW⎯LINE
GND
LTC691
LTC695
+
10μF
VBATT
VCC
LTC691
LTC695
VOUT
GND
690 TA04
VCC
LOW⎯LINE
CE IN
CE OUT
0.1μF
CS
20ns PROPAGATION
DELAY
62512
RAM A
5V
3V
0.1μF
VCC
62128
RAM C
VCC
CS2
62128
RAM B
CS⎯A
CS⎯B
CS⎯C
CS⎯1
CS⎯1
OPTIONAL CONNECTION FOR
ADDITIONAL RAMs
CS2
0.1μF
0.1μF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com