전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC695CSWPBF 데이터시트(PDF) 6 Page - Linear Technology

부품명 LTC695CSWPBF
상세설명  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC695CSWPBF 데이터시트(HTML) 6 Page - Linear Technology

Back Button LTC695CSWPBF Datasheet HTML 2Page - Linear Technology LTC695CSWPBF Datasheet HTML 3Page - Linear Technology LTC695CSWPBF Datasheet HTML 4Page - Linear Technology LTC695CSWPBF Datasheet HTML 5Page - Linear Technology LTC695CSWPBF Datasheet HTML 6Page - Linear Technology LTC695CSWPBF Datasheet HTML 7Page - Linear Technology LTC695CSWPBF Datasheet HTML 8Page - Linear Technology LTC695CSWPBF Datasheet HTML 9Page - Linear Technology LTC695CSWPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
6
690fe
BLOCK DIAGRAM
CHARGE
PUMP
M2
M1
VBATT
VCC
CE IN
PFI
OSC IN
OSC SEL
WDI
RESET PULSE
GENERATOR
WATCHDOG
TIMER
RESET
BATT ON
VOUT
C1
1.3V
GND
–
+
–
+
C2
OSC
TRANSITION
DETECTOR
–
+
C3
WDO
RESET
PFO
LOW⎯LINE
CE OUT
690 BD
PIN FUNCTIONS
VCC: 5V Supply Input. The VCC pin should be bypassed
with a 0.1μF capacitor.
VOUT: Voltage Output for Backed Up Memory. Bypass with
a capacitor of 0.1μF or greater. During normal operation,
VOUT obtains power from VCC through an NMOS power
switch, M1, which can deliver up to 50mA and has a typical
on resistance of 5Ω. When VCC is lower than VBATT, VOUT
is internally switched to VBATT. If VOUT and VBATT are not
used, connect VOUT to VCC.
VBATT: Back-Up Battery Input. When VCC falls below VBATT,
auxiliary power, connected to VBATT, is delivered to VOUT
through PMOS switch, M2. If back-up battery or auxiliary
power is not used, VBATT should be connected to GND.
GND: Ground pin.
BATT ON: Battery On Logic Output from Comparator C2.
BATT ON goes low when VOUT is internally connected to
VCC. The output typically sinks 35mA and can provide
base drive for an external PNP transistor to increase the
output current above the 50mA rating of VOUT. BATT ON
goes high when VOUT is internally switched to VBATT.
PFI: Power Failure Input. PFI is the noninverting input
to the power-fail comparator, C3. The inverting input is
internally connected to a 1.3V reference. The power failure
output remains high when PFI is above 1.3V and goes
low when PFI is below 1.3V. Connect PFI to GND or VOUT
when C3 is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com