전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 202 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 202 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 198Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 199Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 200Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 201Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 202Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 203Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 204Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 205Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 206Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
202
Freescale Semiconductor
6.4
Functional Description
The core of the XGATE module is a RISC processor which is able to access the MCU’s internal memories
and peripherals (see Figure 6-1). The RISC processor always remains in an idle state until it is triggered
by an XGATE request. Then it executes a code sequence that is associated with the request and optionally
triggers an interrupt to the S12X_CPU upon completion. Code sequences are not interruptible. A new
XGATE request can only be serviced when the previous sequence is finished and the RISC core becomes
idle.
The XGATE module also provides a set of hardware semaphores which are necessary to ensure data
consistency whenever RAM locations or peripherals are shared with the S12X_CPU.
The following sections describe the components of the XGATE module in further detail.
6.4.1
XGATE RISC Core
The RISC core is a 16 bit processor with an instruction set that is well suited for data transfers, bit
manipulations, and simple arithmetic operations (see Section 6.8, “Instruction Set”).
It is able to access the MCU’s internal memories and peripherals without blocking these resources from
the S12X_CPU1. Whenever the S12X_CPU and the RISC core access the same resource, the RISC core
will be stalled until the resource becomes available again1.
The XGATE offers a high access rate to the MCU’s internal RAM. Depending on the bus load, the RISC
core can perform up to two RAM accesses per S12X_CPU bus cycle.
Bus accesses to peripheral registers or flash are slower. A transfer rate of one bus access per S12X_CPU
cycle can not be exceeded.
The XGATE module is intended to execute short interrupt service routines that are triggered by peripheral
modules or by software.
6.4.2
Programmer’s Model
Figure 6-19. Programmer’s Model
1. With the exception of PRR registers (see Section “S12X_MMC”).
R7
R6
R5
R4
R3
R2
R1
R0 = 0
VC
Register Block
Program Counter
Condition
Code
Register
15
15
15
15
15
15
15
15
0
0
0
0
0
0
0
0
1 0
(Variable Pointer)
PC
15
0
NZ
3 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com