전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 29 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 25Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 26Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 27Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 28Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 29Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 30Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 31Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 32Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1348 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
29
NOTE
This documentation covers all devices in the S12XD, S12XB and S12XA
families. A full list of these devices and their features can be found in the
following chapters:
E.1 Memory Sizes and Package Options S12XD - Family
E.2 Memory Sizes and Package Options S12XA & S12XB Family
E.5 Peripheral Sets S12XD - Family
E.6 Peripheral Sets S12XA & S12XB - Family
Table 1-6 Partnames, Masksets and assigned PartID’s
This document includes different sections for S12XDPIM, S1XMMC,
S12XDBG, S12XEETX and S12XFTX because the different masksets of
the S12XD, S12XB and S12XA families include differnt configurations or
versions of the modules or have different memory sizes. Table 0-1 shows the
maskset specific chapters in this documentation.
Table 0-1. Maskset Specific Documentation
Chapters in this Documentation
L15Y
(512k
Flash)
M84E
(256K
Flash)
M42E
(128K
Flash)
Chapter 21 External Bus Interface (S12XEBIV2) 787
✓✓
Chapter 17 Memory Mapping Control (S12XMMCV2) 613
Chapter 18 Memory Mapping Control (S12XMMCV3) 649
✓✓
Chapter 19 Debug (S12XDBGV2) 691
Chapter 20 S12X Debug (S12XDBGV3) Module 743
✓✓
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2) 805
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2) 899
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2) 973
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1) 1037
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2) 1071
✓✓
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2) 1105
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1) 1147
Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1) 1189
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3) 157
✓✓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com