전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 52 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 48Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 49Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 50Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 51Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 52Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 53Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 54Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 55Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 1348 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.21
52
Freescale Semiconductor
1.2.2
Signal Properties Summary
Table 1-7 summarizes the pin functionality of the MC9S12XDP512. For available modules on other parts
of the S12XD, S12XB and S12XA family please refer to Appendix E Derivative Differences.
Table 1-7. Signal Properties Summary (Sheet 1 of 4)
Pin
Name
Function 1
Pin
Name
Function 2
Pin
Name
Function 3
Pin
Name
Function 4
Pin
Name
Function 5
Power
Supply
Internal Pull
Resistor
Description
CTRL
Reset
State
EXTAL
VDDPLL
NA
NA
Oscillator pins
XTAL
VDDPLL
NA
NA
RESET
VDDR
PULLUP
External reset
TEST
N.A.
RESET pin
DOWN Test input
VREGEN
VDDX
PUCR
Up
Voltage regulator enable
Input
XFC
VDDPLL
NA
NA
PLL loop filter
BKGD
MODC
VDDX
Always on
Up
Background debug
PAD[23:08]
AN[23:8]
VDDA
PER0/
PER1
Disabled Port AD I/O, Port AD inputs
of ATD1 and
analog inputs of ATD1
PAD[07:00]
AN[7:0]
VDDA
PER1
Disabled Port AD I/O, Port AD inputs
of ATD0 and
analog inputs of ATD0
PA[7:0]
VDDR
PUCR
Disabled Port A I/O
PB[7:0]
VDDR
PUCR
Disabled Port BI/O
PA[7:0]
ADDR[15:8]
IVD[15:8]
VDDR
PUCR
Disabled Port A I/O, address bus,
internal visibility data
PB[7:1]
ADDR[7:1]
IVD[7:0]
VDDR
PUCR
Disabled Port B I/O, address bus,
internal visibility data
PB0
ADDR0
UDS
VDDR
PUCR
Disabled Port B I/O, address bus,
upper data strobe
PC[7:0]
DATA[15:8]
VDDR
PUCR
Disabled Port C I/O, data bus
PD[7:0]
DATA[7:0]
VDDR
PUCR
Disabled Port D I/O, data bus
PE7
ECLKX2
XCLKS
VDDR
PUCR
Up
Port E I/O, system clock
output, clock select
PE6
TAGHI
MODB
VDDR
While RESET
pin is low: down
Port E I/O, tag high, mode
input
PE5
RE
MODA
TAGLO
VDDR
While RESET
pin is low: down
Port E I/O, read enable,
mode input, tag low input
PE4
ECLK
VDDR
PUCR
Up
Port E I/O, bus clock output
PE3
LSTRB
LDS
EROMCTL
VDDR
PUCR
Up
Port E I/O, low byte data
strobe, EROMON control
PE2
R/W
WE
VDDR
PUCR
Up
Port E I/O, read/write
PE1
IRQ
VDDR
PUCR
Up
Port E Input, maskable
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com