전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 76 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 72Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 73Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 74Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 75Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 76Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 77Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 78Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 79Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1348 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.21
76
Freescale Semiconductor
1.6.2
Effects of Reset
When a reset occurs, MCU registers and control bits are changed to known start-up states. Refer to the
respective module Block Guides for register reset states.
1.6.2.1
I/O Pins
Refer to the PIM Block Guide for reset configurations of all peripheral module ports.
1.6.2.2
Memory
The RAM array is not initialized out of reset.
1.7
COP Configuration
The COP timeout rate bits CR[2:0] and the WCOP bit in the COPCTL register are loaded on rising edge
of RESET from the Flash control register FCTL ($0107) located in the Flash EEPROM block. See
Table 1-13 and Table 1-14 for coding. The FCTL register is loaded from the Flash configuration field byte
at global address $7FFF0E during the reset sequence
NOTE
If the MCU is secured the COP timeout rate is always set to the longest
period (CR[2:0] = 111) after COP reset.
Table 1-13. Initial COP Rate Configuration
NV[2:0] in
FCTL Register
CR[2:0] in
COPCTL Register
000
111
001
110
010
101
011
100
100
011
101
010
110
001
111
000
Table 1-14. Initial WCOP Configuration
NV[3] in
FCTL Register
WCOP in
COPCTL Register
10
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com