전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 228 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 228 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 224Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 225Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 226Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 227Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 228Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 229Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 230Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 231Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 232Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
228
Freescale Semiconductor
Operation
FirstOne (RS)
⇒ RD;
Searches the first “1” in register RS (from MSB to LSB) and writes the bit position into the destination
register RD. The upper bits of RD are cleared. In case the content of RS is equal to $0000, RD will be
cleared and the carry flag will be set. This is used to distinguish a “1” in position 0 versus no “1” in the
whole RS register at all.
CCR Effects
Code and CPU Cycles
BFFO
Bit Field Find First One
BFFO
NZ
V
C
0
∆
0
∆
N:
0; cleared.
Z:
Set if the result is $0000; cleared otherwise.
V:
0; cleared.
C:
Set if RS = $00001; cleared otherwise.
1 Before executing the instruction
Source Form
Address
Mode
Machine Code
Cycles
BFFO RD, RS
DYA
0
0
0
0
1
RD
RS
1
0
0
0
0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com