전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 253 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 253 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 249Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 250Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 251Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 252Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 253Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 254Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 255Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 256Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 257Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
253
Operation
RS.H - IMM8 - C
⇒ NONE, only condition code flags get updated
Subtracts the carry bit and the 8 bit constant IMM8 contained in the instruction code from the high byte of
the source register RD using binary subtraction and updates the condition code register accordingly. The
carry bit and Zero bits are taken into account to allow a 16 bit compare in the form of
CMPL
R2,#LOWBYTE
CPCH
R2,#HIGHBYTE
BCC
; branch condition
Remark: There is no equivalent operation using triadic addressing. Comparing the values of two registers
can be performed by using the subtract instruction with R0 as destination register.
CCR Effects
Code and CPU Cycles
CPCH
Compare Immediate 8 bit Constant with
Carry (High Byte)
CPCH
NZ
V
C
∆∆∆∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $00 and Z was set before this operation; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the operation; cleared otherwise.
RS[15] & IMM8[7] & result[15] | RS[15] & IMM8[7] & result[15]
C:
Set if there is a carry from the bit 15 of the result; cleared otherwise.
RS[15] & IMM8[7] | RS[15] & result[15] | IMM8[7] & result[15]
Source Form
Address
Mode
Machine Code
Cycles
CPCH RD, #IMM8
IMM8
1
1
0
1
1
RS
IMM8
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com