전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 313 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 313 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 309Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 310Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 311Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 312Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 313Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 314Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 315Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 316Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 317Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 1348 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
313
0x001E
Timer Input Capture/Output Compare Register 7 High (TC7)
R/W3
0x001F
Timer Input Capture/Output Compare Register 7 Low (TC7)
R/W3
0x0020
16-Bit Pulse Accumulator A Control Register (PACTL)
R/W
0x0021
Pulse Accumulator A Flag Register (PAFLG)
R/W
0x0022
Pulse Accumulator Count Register 3 (PACN3)
R/W
0x0023
Pulse Accumulator Count Register 2 (PACN2)
R/W
0x0024
Pulse Accumulator Count Register 1 (PACN1)
R/W
0x0025
Pulse Accumulator Count Register 0 (PACN0)
R/W
0x0026
16-Bit Modulus Down Counter Register (MCCTL)
R/W
0x0027
16-Bit Modulus Down Counter Flag Register (MCFLG)
R/W
0x0028
Input Control Pulse Accumulator Register (ICPAR)
R/W
0x0029
Delay Counter Control Register (DLYCT)
R/W
0x002A
Input Control Overwrite Register (ICOVW)
R/W
0x002B
Input Control System Control Register (ICSYS)
R/W4
0x002C
Reserved
--
0x002D
Timer Test Register (TIMTST)
R/W2
0x002E
Precision Timer Prescaler Select Register (PTPSR)
R/W
0x002F
Precision Timer Modulus Counter Prescaler Select Register (PTMCPSR)
R/W
0x0030
16-Bit Pulse Accumulator B Control Register (PBCTL)
R/W
0x0031
16-Bit Pulse Accumulator B Flag Register (PBFLG)
R/W
0x0032
8-Bit Pulse Accumulator Holding Register 3 (PA3H)
R/W5
0x0033
8-Bit Pulse Accumulator Holding Register 2 (PA2H)
R/W5
0x0034
8-Bit Pulse Accumulator Holding Register 1 (PA1H)
R/W5
0x0035
8-Bit Pulse Accumulator Holding Register 0 (PA0H)
R/W5
0x0036
Modulus Down-Counter Count Register High (MCCNT)
R/W
0x0037
Modulus Down-Counter Count Register Low (MCCNT)
R/W
0x0038
Timer Input Capture Holding Register 0 High (TC0H)
R/W5
0x0039
Timer Input Capture Holding Register 0 Low (TC0H)
R/W5
0x003A
Timer Input Capture Holding Register 1 High(TC1H)
R/W5
0x003B
Timer Input Capture Holding Register 1 Low (TC1H)
R/W5
0x003C
Timer Input Capture Holding Register 2 High (TC2H)
R/W5
0x003D
Timer Input Capture Holding Register 2 Low (TC2H)
R/W5
0x003E
Timer Input Capture Holding Register 3 High (TC3H)
R/W5
0x003F
Timer Input Capture Holding Register 3 Low (TC3H)
R/W5
1 Always read 0x0000.
2 Only writable in special modes (test_mode = 1).
3 Writes to these registers have no meaning or effect during input capture.
4 May be written once when not in test00mode but writes are always permitted when test00mode is enabled.
5 Writes have no effect.
Table 7-1. ECT Memory Map (continued)
Address
Offset
Register
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com