전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 327 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 327 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 323Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 324Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 325Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 326Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 327Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 328Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 329Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 330Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 331Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 1348 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
327
7.3.2.11
Timer System Control Register 2 (TSCR2)
Read or write: Anytime
All bits reset to zero.
76543210
R
TOI
000
TCRE
PR2
PR1
PR0
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-16. Timer System Control Register 2 (TSCR2)
Table 7-14. TSCR2 Field Descriptions
Field
Description
7
TOI
Timer Overflow Interrupt Enable
0 Timer overflow interrupt disabled.
1 Hardware interrupt requested when TOF flag set.
3
TCRE
Timer Counter Reset Enable — This bit allows the timer counter to be reset by a successful channel 7 output
compare. This mode of operation is similar to an up-counting modulus counter.
0 Counter reset disabled and counter free runs.
1 Counter reset by a successful output compare on channel 7.
Note: If register TC7 = 0x0000 and TCRE = 1, then the TCNT register will stay at 0x0000 continuously. If register
TC7 = 0xFFFF and TCRE = 1, the TOF flag will never be set when TCNT is reset from 0xFFFF to 0x0000.
2:0
PR[2:0]
Timer Prescaler Select — These three bits specify the division rate of the main Timer prescaler when the PRNT
bit of register TSCR1 is set to 0. The newly selected prescale factor will not take effect until the next synchronized
edge where all prescale counter stages equal zero. See Table 7-15.
Table 7-15. Prescaler Selection
PR2
PR1
PR0
Prescale Factor
00
0
1
00
1
2
01
0
4
01
1
8
10
0
16
10
1
32
11
0
64
1
1
1
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com