전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 340 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 340 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 336Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 337Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 338Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 339Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 340Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 341Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 342Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 343Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 344Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 1348 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
340
Freescale Semiconductor
7.3.2.22
Delay Counter Control Register (DLYCT)
Read: Anytime
Write: Anytime
All bits reset to zero.
76543210
R
DLY7
DLY6
DLY5
DLY4
DLY3
DLY2
DLY1
DLY0
W
Reset
00000000
Figure 7-44. Delay Counter Control Register (DLYCT)
Table 7-26. DLYCT Field Descriptions
Field
Description
7:0
DLY[7:0]
Delay Counter Select — When the PRNT bit of TSCR1 register is set to 0, only bits DLY0, DLY1 are used to
calculate the delay.Table 7-27 shows the delay settings in this case.
When the PRNT bit of TSCR1 register is set to 1, all bits are used to set a more precise delay. Table 7-28 shows
the delay settings in this case. After detection of a valid edge on an input capture pin, the delay counter counts
the pre-selected number of [(dly_cnt + 1)*4]bus clock cycles, then it will generate a pulse on its output if the level
of input signal, after the preset delay, is the opposite of the level before the transition.This will avoid reaction to
narrow input pulses.
Delay between two active edges of the input signal period should be longer than the selected counter delay.
Note: It is recommended to not write to this register while the timer is enabled, that is when TEN is set in register
TSCR1.
Table 7-27. Delay Counter Select when PRNT = 0
DLY1
DLY0
Delay
0
0
Disabled
0
1
256 bus clock cycles
1
0
512 bus clock cycles
1
1
1024 bus clock cycles
Table 7-28. Delay Counter Select Examples when PRNT = 1
DLY7
DLY6
DLY5
DLY4
DLY3
DLY2
DLY1
DLY0
Delay
00000000
Disabled (bypassed)
00000001
8 bus clock cycles
00000010
12 bus clock cycles
00000011
16 bus clock cycles
00000100
20 bus clock cycles
00000101
24 bus clock cycles
00000110
28 bus clock cycles
00000111
32 bus clock cycles
00001111
64 bus clock cycles
00011111
128 bus clock cycles
00111111
256 bus clock cycles
01111111
512 bus clock cycles
11111111
1024 bus clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com