전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 348 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 348 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 344Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 345Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 346Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 347Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 348Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 349Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 350Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 351Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 352Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 1348 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
348
Freescale Semiconductor
7.3.2.30
Modulus Down-Counter Count Register (MCCNT)
Read: Anytime
Write: Anytime.
All bits reset to one.
A full access for the counter register will take place in one clock cycle.
NOTE
A separate read/write for high byte and low byte will give different results
than accessing them as a word.
If the RDMCL bit in MCCTL register is cleared, reads of the MCCNT register will return the present value
of the count register. If the RDMCL bit is set, reads of the MCCNT will return the contents of the load
register.
If a 0x0000 is written into MCCNT when LATQ and BUFEN in ICSYS register are set, the input capture
and pulse accumulator registers will be latched.
With a 0x0000 write to the MCCNT, the modulus counter will stay at zero and does not set the MCZF flag
in MCFLG register.
If the modulus down counter is enabled (MCEN = 1) and modulus mode is enabled (MODMC = 1), a write
to MCCNT will update the load register with the value written to it. The count register will not be updated
with the new value until the next counter underflow.
If modulus mode is not enabled (MODMC = 0), a write to MCCNT will clear the modulus prescaler and
will immediately update the counter register with the value written to it and down-counts to 0x0000 and
stops.
The FLMC bit in MCCTL can be used to immediately update the count register with the new value if an
immediate load is desired.
15
14
13
12
11
10
9
8
R
MCCNT15
MCCNT14
MCCNT13
MCCNT12
MCCNT11
MCCNT10
MCCNT9
MCCNT8
W
Reset
11111111
Figure 7-55. Modulus Down-Counter Count Register High (MCCNT)
76543210
R
MCCNT7
MCCNT6
MCCNT5
MCCNT4
MCCNT3
MCCNT2
MCCNT1
MCCNT9
W
Reset
11111111
Figure 7-56. Modulus Down-Counter Count Register Low (MCCNT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com