전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 363 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 363 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 359Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 360Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 361Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 362Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 363Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 364Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 365Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 366Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 367Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 1348 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
363
Chapter 8
Pulse-Width Modulator (S12PWM8B8CV1)
8.1
Introduction
The PWM definition is based on the HC12 PWM definitions. It contains the basic features from the HC11
with some of the enhancements incorporated on the HC12: center aligned output mode and four available
clock sources.The PWM module has eight channels with independent control of left and center aligned
outputs on each channel.
Each of the eight channels has a programmable period and duty cycle as well as a dedicated counter. A
flexible clock select scheme allows a total of four different clock sources to be used with the counters. Each
of the modulators can create independent continuous waveforms with software-selectable duty rates from
0% to 100%. The PWM outputs can be programmed as left aligned outputs or center aligned outputs.
8.1.1
Features
The PWM block includes these distinctive features:
•
Eight independent PWM channels with programmable period and duty cycle
•
Dedicated counter for each PWM channel
•
Programmable PWM enable/disable for each channel
•
Software selection of PWM duty pulse polarity for each channel
•
Period and duty cycle are double buffered. Change takes effect when the end of the effective period
is reached (PWM counter reaches zero) or when the channel is disabled.
•
Programmable center or left aligned outputs on individual channels
•
Eight 8-bit channel or four 16-bit channel PWM resolution
•
Four clock sources (A, B, SA, and SB) provide for a wide range of frequencies
•
Programmable clock select logic
•
Emergency shutdown
8.1.2
Modes of Operation
There is a software programmable option for low power consumption in wait mode that disables the input
clock to the prescaler.
In freeze mode there is a software programmable option to disable the input clock to the prescaler. This is
useful for emulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com