전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 388 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 388 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 384Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 385Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 386Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 387Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 388Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 389Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 390Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 391Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 392Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 1348 page
background image
Chapter 8 Pulse-Width Modulator (S12PWM8B8CV1)
MC9S12XDP512 Data Sheet, Rev. 2.21
388
Freescale Semiconductor
Figure 8-21. PWM Left Aligned Output Example Waveform
8.4.2.6
Center Aligned Outputs
For center aligned output mode selection, set the CAEx bit (CAEx = 1) in the PWMCAE register and the
corresponding PWM output will be center aligned.
The 8-bit counter operates as an up/down counter in this mode and is set to up whenever the counter is
equal to $00. The counter compares to two registers, a duty register and a period register as shown in the
block diagram in Figure 8-19. When the PWM counter matches the duty register, the output flip-flop
changes state, causing the PWM waveform to also change state. A match between the PWM counter and
the period register changes the counter direction from an up-count to a down-count. When the PWM
counter decrements and matches the duty register again, the output flip-flop changes state causing the
PWM output to also change state. When the PWM counter decrements and reaches zero, the counter
direction changes from a down-count back to an up-count and a load from the double buffer period and
duty registers to the associated registers is performed, as described in Section 8.4.2.3, “PWM Period and
Duty”. The counter counts from 0 up to the value in the period register and then back down to 0. Thus the
effective period is PWMPERx*2.
NOTE
Changing the PWM output mode from left aligned to center aligned output
(or vice versa) while channels are operating can cause irregularities in the
PWM output. It is recommended to program the output mode before
enabling the PWM channel.
Figure 8-22. PWM Center Aligned Output Waveform
Period = 400 ns
E = 100 ns
Duty Cycle = 75%
PPOLx = 0
PPOLx = 1
PWMDTYx
PWMDTYx
Period = PWMPERx*2
PWMPERx
PWMPERx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com