전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 403 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 403 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 399Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 400Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 401Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 402Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 403Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 404Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 405Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 406Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 407Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 1348 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
403
4F
136
26
60
70
50
96
18
36
50
51
112
18
44
58
52
128
26
52
66
53
144
26
60
74
54
160
34
68
82
55
176
34
76
90
56
208
42
92
106
57
256
42
116
130
58
160
18
76
82
59
192
18
92
98
5A
224
34
108
114
5B
256
34
124
130
5C
288
50
140
146
5D
320
50
156
162
5E
384
66
188
194
5F
480
66
236
242
60
320
34
156
162
61
384
34
188
194
62
448
66
220
226
63
512
66
252
258
64
576
98
284
290
65
640
98
316
322
66
768
130
380
386
67
960
130
476
482
68
640
66
316
322
69
768
66
380
386
6A
896
130
444
450
6B
1024
130
508
514
6C
1152
194
572
578
6D
1280
194
636
642
6E
1536
258
764
770
6F
1920
258
956
962
70
1280
130
636
642
71
1536
130
764
770
72
1792
258
892
898
73
2048
258
1020
1026
74
2304
386
1148
1154
75
2560
386
1276
1282
76
3072
514
1532
1538
77
3840
514
1916
1922
78
2560
258
1276
1282
79
3072
258
1532
1538
7A
3584
514
1788
1794
7B
4096
514
2044
2050
Table 9-5. IIC Divider and Hold Values (Sheet 3 of 5)
IBC[7:0]
(hex)
SCL Divider
(clocks)
SDA Hold
(clocks)
SCL Hold
(start)
SCL Hold
(stop)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com