전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 413 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 413 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 409Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 410Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 411Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 412Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 413Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 414Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 415Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 416Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 417Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 1348 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
413
9.5
Resets
The reset state of each individual bit is listed in Section 9.3, “Memory Map and Register Definition,” which
details the registers and their bit-fields.
9.6
Interrupts
IICV2 uses only one interrupt vector.
Table 9-8. Interrupt Summary
Internally there are three types of interrupts in IIC. The interrupt service routine can determine the interrupt
type by reading the status register.
IIC Interrupt can be generated on
1. Arbitration lost condition (IBAL bit set)
2. Byte transfer condition (TCF bit set)
3. Address detect condition (IAAS bit set)
The IIC interrupt is enabled by the IBIE bit in the IIC control register. It must be cleared by writing 0 to
the IBF bit in the interrupt service routine.
9.7
Initialization/Application Information
9.7.1
IIC Programming Examples
9.7.1.1
Initialization Sequence
Reset will put the IIC bus control register to its default status. Before the interface can be used to transfer
serial data, an initialization procedure must be carried out, as follows:
1. Update the frequency divider register (IBFD) and select the required division ratio to obtain SCL
frequency from system clock.
2. Update the IIC bus address register (IBAD) to define its slave address.
3. Set the IBEN bit of the IIC bus control register (IBCR) to enable the IIC interface system.
4. Modify the bits of the IIC bus control register (IBCR) to select master/slave mode, transmit/receive
mode and interrupt enable or not.
Interrupt
Offset
Vector
Priority
Source
Description
IIC
Interrupt
—
—
—
IBAL, TCF, IAAS
bits in IBSR
register
When either of IBAL, TCF or IAAS bits is set
may cause an interrupt based on arbitration
lost, transfer complete or address detect
conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com