전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 424 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 424 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 420Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 421Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 422Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 423Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 424Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 425Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 426Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 427Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 428Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 1348 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.21
424
Freescale Semiconductor
10.3.2
Register Descriptions
This section describes in detail all the registers and register bits in the MSCAN module. Each description
includes a standard register diagram with an associated figure number. Details of register bit and field
function follow the register diagrams, in bit order. All bits of all registers in this module are completely
synchronous to internal clocks during a register read.
10.3.2.1
MSCAN Control Register 0 (CANCTL0)
The CANCTL0 register provides various control bits of the MSCAN module as described below.
NOTE
The CANCTL0 register, except WUPE, INITRQ, and SLPRQ, is held in the
reset state when the initialization mode is active (INITRQ = 1 and
INITAK = 1). This register is writable again as soon as the initialization
mode is exited (INITRQ = 0 and INITAK = 0).
Read: Anytime
0x0014–0x0017
CANIDMRx
R
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
W
0x0018–0x001B
CANIDAR4–7
R
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
W
0x001C–0x001F
CANIDMR4–7
R
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
W
0x0020–0x002F
CANRXFG
R
See Section 10.3.3, “Programmer’s Model of Message Storage”
W
0x0030–0x003F
CANTXFG
R
See Section 10.3.3, “Programmer’s Model of Message Storage”
W
76543210
R
RXFRM
RXACT
CSWAI
SYNCH
TIME
WUPE
SLPRQ
INITRQ
W
Reset:
00000001
= Unimplemented
Figure 10-4. MSCAN Control Register 0 (CANCTL0)
Register
Name
Bit 7
6
5
4321
Bit 0
= Unimplemented or Reserved
u = Unaffected
Figure 10-3. MSCAN Register Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com