전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 439 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 439 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 435Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 436Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 437Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 438Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 439Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 440Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 441Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 442Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 443Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 1348 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
439
Read: Always read 0x0000 in normal system operation modes
Write: Unimplemented in normal system operation modes
NOTE
Writing to this register when in special modes can alter the MSCAN
functionality.
10.3.2.14 MSCAN Miscellaneous Register (CANMISC)
This register provides additional features.
Read: Anytime
Write: Anytime; write of ‘1’ clears flag; write of ‘0’ ignored
10.3.2.15 MSCAN Receive Error Counter (CANRXERR)
This register reflects the status of the MSCAN receive error counter.
76543210
R
00000000
W
Reset:
00000000
= Unimplemented
Figure 10-16. MSCAN Reserved Register
76543210
R
0000000
BOHOLD
W
Reset:
00000000
= Unimplemented
Figure 10-17. MSCAN Miscellaneous Register (CANMISC)
Table 10-19. CANMISC Register Field Descriptions
Field
Description
0
BOHOLD
Bus-off State Hold Until User Request — If BORM is set in Section 10.3.2.2, “MSCAN Control Register 1
(CANCTL1), this bit indicates whether the module has entered the bus-off state. Clearing this bit requests the
recovery from bus-off. Refer to Section 10.5.2, “Bus-Off Recovery,” for details.
0 Module is not bus-off or recovery has been requested by user in bus-off state
1 Module is bus-off and holds this state until user request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com