전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 445 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 445 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 441Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 442Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 443Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 444Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 445Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 446Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 447Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 448Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 449Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 1348 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
445
10.3.3
Programmer’s Model of Message Storage
The following section details the organization of the receive and transmit message buffers and the
associated control registers.
To simplify the programmer interface, the receive and transmit message buffers have the same outline.
Each message buffer allocates 16 bytes in the memory map containing a 13 byte data structure.
An additional transmit buffer priority register (TBPR) is defined for the transmit buffers. Within the last
two bytes of this memory map, the MSCAN stores a special 16-bit time stamp, which is sampled from an
internal timer after successful transmission or reception of a message. This feature is only available for
transmit and receiver buffers, if the TIME bit is set (see Section 10.3.2.1, “MSCAN Control Register 0
(CANCTL0)”).
The time stamp register is written by the MSCAN. The CPU can only read these registers.
Table 10-23. CANIDMR4–CANIDMR7 Register Field Descriptions
Field
Description
7:0
AM[7:0]
Acceptance Mask Bits — If a particular bit in this register is cleared, this indicates that the corresponding bit in
the identifier acceptance register must be the same as its identifier bit before a match is detected. The message
is accepted if all such bits match. If a bit is set, it indicates that the state of the corresponding bit in the identifier
acceptance register does not affect whether or not the message is accepted.
0 Match corresponding acceptance code register and identifier bits
1 Ignore corresponding acceptance code register bit
Table 10-24. Message Buffer Organization
Offset
Address
Register
Access
0x00X0
Identifier Register 0
0x00X1
Identifier Register 1
0x00X2
Identifier Register 2
0x00X3
Identifier Register 3
0x00X4
Data Segment Register 0
0x00X5
Data Segment Register 1
0x00X6
Data Segment Register 2
0x00X7
Data Segment Register 3
0x00X8
Data Segment Register 4
0x00X9
Data Segment Register 5
0x00XA
Data Segment Register 6
0x00XB
Data Segment Register 7
0x00XC
Data Length Register
0x00XD
Transmit Buffer Priority Register1
0x00XE
Time Stamp Register (High Byte)2
0x00XF
Time Stamp Register (Low Byte)3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com