전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 477 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 477 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 473Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 474Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 475Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 476Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 477Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 478Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 479Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 480Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 481Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 1348 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
477
Chapter 11
Serial Communication Interface (S12SCIV5)
11.1
Introduction
This block guide provides an overview of the serial communication interface (SCI) module.
The SCI allows asynchronous serial communications with peripheral devices and other CPUs.
11.1.1
Glossary
IR: InfraRed
IrDA: Infrared Design Associate
IRQ: Interrupt Request
LIN: Local Interconnect Network
LSB: Least Significant Bit
MSB: Most Significant Bit
NRZ: Non-Return-to-Zero
RZI: Return-to-Zero-Inverted
RXD: Receive Pin
SCI : Serial Communication Interface
TXD: Transmit Pin
11.1.2
Features
The SCI includes these distinctive features:
•
Full-duplex or single-wire operation
•
Standard mark/space non-return-to-zero (NRZ) format
•
Selectable IrDA 1.4 return-to-zero-inverted (RZI) format with programmable pulse widths
•
13-bit baud rate selection
•
Programmable 8-bit or 9-bit data format
•
Separately enabled transmitter and receiver
•
Programmable polarity for transmitter and receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com