전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 523 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 523 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 519Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 520Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 521Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 522Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 523Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 524Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 525Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 526Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 527Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 1348 page
background image
Chapter 12 Serial Peripheral Interface (S12SPIV4)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
523
Table 12-6. Example SPI Baud Rate Selection (25 MHz Bus Clock)
SPPR2
SPPR1
SPPR0
SPR2
SPR1
SPR0
Baud Rate
Divisor
Baud Rate
0
0
0
0
0
0
2
12.5 MHz
0
0
0
0
0
1
4
6.25 MHz
0
0
0
0
1
0
8
3.125 MHz
0
0
0
0
1
1
16
1.5625 MHz
0
0
0
1
0
0
32
781.25 kHz
0
0
0
1
0
1
64
390.63 kHz
0
0
0
1
1
0
128
195.31 kHz
0
0
0
1
1
1
256
97.66 kHz
0
0
1
0
0
0
4
6.25 MHz
0
0
1
0
0
1
8
3.125 MHz
0
0
1
0
1
0
16
1.5625 MHz
0
0
1
0
1
1
32
781.25 kHz
0
0
1
1
0
0
64
390.63 kHz
0
0
1
1
0
1
128
195.31 kHz
0
0
1
1
1
0
256
97.66 kHz
0
0
1
1
1
1
512
48.83 kHz
0
1
0
0
0
0
6
4.16667 MHz
0
1
0
0
0
1
12
2.08333 MHz
0
1
0
0
1
0
24
1.04167 MHz
0
1
0
0
1
1
48
520.83 kHz
0
1
0
1
0
0
96
260.42 kHz
0
1
0
1
0
1
192
130.21 kHz
0
1
0
1
1
0
384
65.10 kHz
0
1
0
1
1
1
768
32.55 kHz
0
1
1
0
0
0
8
3.125 MHz
0
1
1
0
0
1
16
1.5625 MHz
0
1
1
0
1
0
32
781.25 kHz
0
1
1
0
1
1
64
390.63 kHz
0
1
1
1
0
0
128
195.31 kHz
0
1
1
1
0
1
256
97.66 kHz
0
1
1
1
1
0
512
48.83 kHz
0
1
1
1
1
1
1024
24.41 kHz
1
0
0
0
0
0
10
2.5 MHz
1
0
0
0
0
1
20
1.25 MHz
1
0
0
0
1
0
40
625 kHz
1
0
0
0
1
1
80
312.5 kHz
1
0
0
1
0
0
160
156.25 kHz
1
0
0
1
0
1
320
78.13 kHz
1
0
0
1
1
0
640
39.06 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com