전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 572 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 572 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 568Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 569Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 570Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 571Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 572Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 573Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 574Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 575Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 576Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 1348 page
background image
Chapter 15 Background Debug Module (S12XBDMV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
572
Freescale Semiconductor
15.2
External Signal Description
A single-wire interface pin called the background debug interface (BKGD) pin is used to communicate
with the BDM system. During reset, this pin is a mode select input which selects between normal and
special modes of operation. After reset, this pin becomes the dedicated serial interface pin for the
background debug mode.
15.3
Memory Map and Register Definition
15.3.1
Module Memory Map
Table 15-1 shows the BDM memory map when BDM is active.
Table 15-1. BDM Memory Map
Global Address
Module
Size
(Bytes)
0x7FFF00–0x7FFF0B
BDM registers
12
0x7FFF0C–0x7FFF0E
BDM firmware ROM
3
0x7FFF0F
Family ID (part of BDM firmware ROM)
1
0x7FFF10–0x7FFFFF
BDM firmware ROM
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com