전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 581 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 581 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 577Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 578Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 579Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 580Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 581Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 582Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 583Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 584Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 585Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 1348 page
background image
Chapter 15 Background Debug Module (S12XBDMV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
581
Table 15-6. Firmware Commands
Command1
1 If enabled, ACK will occur when data is ready for transmission for all BDM READ commands and will occur after the write is
complete for all BDM WRITE commands.
Opcode
(hex)
Data
Description
READ_NEXT2
2
When the firmware command READ_NEXT or WRITE_NEXT is used to access the BDM address space the BDM resources
are accessed rather than user code. Writing BDM firmware is not possible.
62
16-bit data out Increment X index register by 2 (X = X + 2), then read word X points to.
READ_PC
63
16-bit data out Read program counter.
READ_D
64
16-bit data out Read D accumulator.
READ_X
65
16-bit data out Read X index register.
READ_Y
66
16-bit data out Read Y index register.
READ_SP
67
16-bit data out Read stack pointer.
WRITE_NEXT<f-hel
vetica><st-superscri
pt>
42
16-bit data in
Increment X index register by 2 (X = X + 2), then write word to location
pointed to by X.
WRITE_PC
43
16-bit data in
Write program counter.
WRITE_D
44
16-bit data in
Write D accumulator.
WRITE_X
45
16-bit data in
Write X index register.
WRITE_Y
46
16-bit data in
Write Y index register.
WRITE_SP
47
16-bit data in
Write stack pointer.
GO
08
none
Go to user program. If enabled, ACK will occur when leaving active
background mode.
GO_UNTIL3
3 System stop disables the ACK function and ignored commands will not have an ACK-pulse (e.g., CPU in stop or wait mode).
The GO_UNTIL command will not get an Acknowledge if CPU executes the wait or stop instruction before the “UNTIL”
condition (BDM active again) is reached (see Section 15.4.7, “Serial Interface Hardware Handshake Protocol” last Note).
0C
none
Go to user program. If enabled, ACK will occur upon returning to active
background mode.
TRACE1
10
none
Execute one user instruction then return to active BDM. If enabled,
ACK will occur upon returning to active background mode.
TAGGO -> GO
18
none
(Previous enable tagging and go to user program.)
This command will be deprecated and should not be used anymore.
Opcode will be executed as a GO command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com