전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 611 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 611 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 607Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 608Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 609Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 610Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 611Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 612Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 613Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 614Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 615Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 611 / 1348 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
611
Figure 16-14. Interrupt Processing Example
16.5.3
Wake Up from Stop or Wait Mode
16.5.3.1
CPU Wake Up from Stop or Wait Mode
Every I bit maskable interrupt request which is configured to be handled by the CPU is capable of waking
the MCU from stop or wait mode. To determine whether an I bit maskable interrupts is qualified to wake
up the CPU or not, the same settings as in normal run mode are applied during stop or wait mode:
•
If the I bit in the CCR is set, all I bit maskable interrupts are masked from waking up the MCU.
•
An I bit maskable interrupt is ignored if it is configured to a priority level below or equal to the
current IPL in CCR.
•
I bit maskable interrupt requests which are configured to be handled by the XGATE are not capable
of waking up the CPU.
An XIRQ request can wake up the MCU from stop or wait mode at anytime, even if the X bit in CCR is set.
16.5.3.2
XGATE Wake Up from Stop or Wait Mode
Interrupt request channels which are configured to be handled by the XGATE are capable of waking up the
XGATE. Interrupt request channels handled by the XGATE do not affect the state of the CPU.
0
Reset
4
0
7
6
5
4
3
2
1
0
L4
7
0
4
L1 (Pending)
L7
L3 (Pending)
RTI
4
0
3
0
RTI
RTI
1
0
0
RTI
Stacked IPL
Processing Levels
IPL in CCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com