전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 648 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 648 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 644Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 645Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 646Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 647Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 648Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 649Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 650Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 651Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 652Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 1348 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
648
Freescale Semiconductor
17.5.3.4
ROM Control in Emulation Expanded Mode
In emulation expanded mode the external bus will be connected to the emulator and to the application. If
the ROMON bit is set, the internal FLASH provides the data. If the EROMON bit is set as well the
emulator observes all CPU internal actions, otherwise the emulator provides the data and traces all CPU
actions (see Figure 1-30). When the ROMON bit is cleared, the application memory provides the data and
the emulator will observe the CPU internal actions (see Figure 1-31).
Figure 17-30. ROMON = 1 in Emulation Expanded Mode
EROMON = 1
Application
MCU
Flash
Memory
Emulator
EROMON = 0
Application
MCU
Memory
Emulator
Flash
Generator
Observer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com