전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 673 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 673 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 669Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 670Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 671Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 672Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 673Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 674Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 675Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 676Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 677Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 673 / 1348 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
673
Figure 18-21. Expansion of the Local Address Map
0x7F_FFFF
0x00_0000
0x14_0000
0x10_0000
0x00_0800
EPAGE
RPAGE
PPAGE
CPU and BDM
Local Memory Map
Global Memory Map
0xFFFF
Reset Vectors
0xC000
0x8000
Unpaged
0x4000
0x1000
0x0000
16K FLASH window
0x0C00
0x2000
0x0800
8K RAM
4K RAM window
1K EEPROM
2K REGISTERS
1K EEPROM window
16K FLASH
Unpaged
16K FLASH
2K REGISTERS
2K RAM
253*4K paged
RAM
1K EEPROM
255*1K paged
EEPROM
253 *16K paged
FLASH
16K FLASH
(PPAGE 0xFD)
8K RAM
External
Space
16K FLASH
(PPAGE 0xFE)
16K FLASH
(PPAGE 0xFF)
0x00_1000
0x0F_E000
0x13_FC00
0x40_0000
0x7F_4000
0x7F_8000
0x7F_C000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com