전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 685 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 685 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 681Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 682Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 683Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 684Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 685Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 686Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 687Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 688Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 689Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 685 / 1348 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
685
Due to internal visibility of CPU accesses the CPU will be halted during XGATE or BDM access to any
PRR. This rule applies also in normal modes to ensure that operation of the device is the same as in
emulation modes.
A summary of PRR accesses:
•
An aligned word access to a PRR will take 2 bus cycles.
•
A misaligned word access to a PRRs will take 4 cycles. If one of the two bytes accessed by the
misaligned word access is not a PRR, the access will take only 3 cycles.
•
A byte access to a PRR will take 2 cycles.
Table 18-23. PRR Listing
PRR Name
PRR Local Address
PRR Location
PORTA
0x0000
PIM
PORTB
0x0001
PIM
DDRA
0x0002
PIM
DDRB
0x0003
PIM
PORTC
0x0004
PIM
PORTD
0x0005
PIM
DDRC
0x0006
PIM
DDRD
0x0007
PIM
PORTE
0x0008
PIM
DDRE
0x0009
PIM
MMCCTL0
0x000A
MMC
MODE
0x000B
MMC
PUCR
0x000C
PIM
RDRIV
0x000D
PIM
EBICTL0
0x000E
EBI
EBICTL1
0x000F
EBI
Reserved
0x0012
MMC
MMCCTL1
0x0013
MMC
ECLKCTL
0x001C
PIM
Reserved
0x001D
PIM
PORTK
0x0032
PIM
DDRK
0x0033
PIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com