전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 723 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 723 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 719Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 720Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 721Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 722Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 723Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 724Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 725Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 726Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 727Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 723 / 1348 page
background image
Chapter 19 S12X Debug (S12XDBGV2) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
725
19.4.5.3.1
Information Byte Organization
The format of the control information byte for both CPU and XGATE modules is dependent upon the
active trace mode and tracing source as described below. In normal mode or loop1 mode, tracing of
XGATE activity XINF is used to store control information. In normal mode or loop1 mode, tracing of CPU
activity CINF is used to store control information. In detail mode, CXINF contains the control information.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XSD
00
XDV
0000
Figure 19-24. XGATE Information Byte XINF
Table 19-40. XINF Field Descriptions
Field
Description
7
XSD
Source Destination Indicator — This bit indicates if the corresponding stored address is a source or
destination address. This is only used in normal and loop1 mode tracing.
0 Source Address
1 Destination Address
4
XDV
Data Invalid Indicator — This bit indicates if the trace buffer entry is invalid. It is only used when tracing from
both sources in normal and loop1 mode, to indicate that the XGATE trace buffer entry is valid.
0 Trace buffer entry is invalid
1 Trace buffer entry is valid
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CSD
00
CDV
0000
Figure 19-25. CPU Information Byte CINF
Table 19-41. CINF Field Descriptions
Field
Description
7
CSD
Source Destination Indicator — This bit indicates if the corresponding stored address is a source or
destination address. This is only used in normal and loop1 mode tracing.
0 Source Address
1 Destination Address
4
CDV
Data Invalid Indicator — This bit indicates if the trace buffer entry is invalid. It is only used when tracing from
both sources in normal and loop1 mode, to indicate that the CPU trace buffer entry is valid.
0 Trace buffer entry is invalid
1 Trace buffer entry is valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com