전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 853 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 853 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 849Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 850Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 851Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 852Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 853Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 854Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 855Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 856Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 857Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 853 / 1348 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
855
22.3.2.38 Port P Data Register (PTP)
Read: Anytime.
Write: Anytime.
Port P pins 7, and 5–0 are associated with the PWM as well as the SPI1 and SPI2 modules. These pins can
be used as general purpose I/O when not used with any of the peripherals.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read.
The PWM function takes precedence over the general purpose I/O and the SPI2 or SPI1 function if the
associated PWM channel is enabled. While channels 6 and 5-0 are output only if the respective channel is
enabled, channel 7 can be PWM output or input if the shutdown feature is enabled. Refer to PWM section
for details.
The SPI2 function takes precedence over the general purpose I/O function if enabled. Refer to SPI section
for details.
The SPI1 function takes precedence over the general purpose I/O function if enabled. Refer to SPI section
for details.
76543210
R
PTP7
PTP6
PTP5
PTP4
PTP3
PTP2
PTP1
PTP0
W
PWM
PWM7
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
SPI
SCK2
SS2
MOSI2
MISO2
SS1
SCK1
MOSI1
MISO1
Reset
00000000
Figure 22-40. Port P Data Register (PTP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com